Part Number Hot Search : 
LB111 MMST5401 DMD5603 2SC3052 DG408 75M50 91SAM BAR7508S
Product Description
Full Text Search
 

To Download AT93C66A-10PA-27C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 1 2 3 4 8 7 6 5 cs sk di do vcc dc org gnd 1 2 3 4 8 7 6 5 cs sk di do vcc dc org gnd 8-lead soic 8-lead pdip features ? medium-voltage and standard-voltage operation ?5.0(v cc = 4.5v to 5.5v) ? 2.7 (v cc = 2.7v to 5.5v)  user-selectable internal organization ? 2k: 256 x 8 or 128 x 16 ? 4k: 512 x 8 or 256 x 16  three-wire serial interface  sequential read operation  2 mhz clock rate (5v)  self-timed write cycle (10 ms max)  high reliability ? endurance: 1 million write cycles ? data retention: 100 years  8-lead pdip and 8-lead jedec soic packages description the at9 3 c56a/66a provides 204 8 /4096 bits of seri a l electric a lly er a s a ble progr a m- m a ble re a d-only memory (eeprom). the eeprom is org a nized a s 12 8 /256 words of 16 bits e a ch (when the org pin is connected to vcc) a nd 256/512 words of 8 bits e a ch (when the org pin is tied to ground.) the device is optimized for use in m a ny a utomotive a pplic a tions where low-power a nd low-volt a ge oper a tions a re essenti a l. the at9 3 c56a/66a is a v a il a ble in sp a ce-s a ving 8 -le a d pdip a nd 8 -le a d jedec s oic p a ck a ges. the at9 3 c56a/66a is en a bled through the chip s elect (c s ) pin a nd a ccessed vi a a three-wire seri a l interf a ce consisting of d a t a input (di), d a t a output (do), a nd s hift clock ( s k). upon receiving a re a d instruction a t di, the a ddress is decoded a nd the d a t a is clocked out seri a lly on the d a t a output pin do. the write cycle is completely self-timed, a nd no sep a r a te er a se cycle is required before write. the write cycle is only en a bled when the p a rt is in the er a se/write en a ble st a te. when c s is brought high following the initi a tion of a write cycle, the do pin outputs the re a dy/busy st a tus of the p a rt. the at9 3 c56a/66a is a v a il a ble in 4.5v to 5.5v a nd 2.7v to 5.5v versions. table 1 . pin configur a tions pin name function c s chip s elect s k s eri a l d a t a clock di s eri a l d a t a input do s eri a l d a t a output gnd ground vcc power s upply org intern a l org a niz a tion dc don?t connect three-wire serial automotive eeproms 2k (256 x 8 or 128 x 16) 4k (512 x 8 or 256 x 16) at93c56a at93c66a preliminary 3 40 3 d? s eepr?10/04
2 at93c56a/66a [preliminary] 3 40 3 d? s eepr?10/04 figure 1. block di a gr a m note: when the org pin is connected to vcc, the ?x 16? org a niz a tion is selected. when it is connected to ground, the ?x 8 ? org a niz a - tion is selected. if the org pin is left unconnected a nd the a pplic a tion does not lo a d the input beyond the c a p a bility of the intern a l 1 meg ohm pullup, then the ?x 16? org a niz a tion is selected. absolute maximum ratings* oper a ting temper a ture ......................................? 55 c to +125 c *notice: s tresses beyond those listed under ?absolute m a ximum r a tings? m a y c a use perm a nent d a m- a ge to the device. this is a stress r a ting only a nd function a l oper a tion of the device a t these or a ny other conditions beyond those indic a ted in the oper a tion a l sections of this specific a tion is not implied. exposure to a bsolute m a ximum r a ting conditions for extended periods m a y a ffect device reli a bility s tor a ge temper a ture .........................................? 65 c to +150 c volt a ge on any pin with respect to ground ........................................ ? 1.0v to +7.0v m a ximum oper a ting volt a ge .......................................... 6.25v dc output current........................................................ 5.0 ma memory array 256/512 x 8 or 128/256 x 16 address decoder output buffer data register mode decode logic clock generator
3 at93c56a/66a [preliminary] 3 40 3 d? s eepr?10/04 note: 1. this p a r a meter is ch a r a cterized a nd is not 100% tested. note: 1. v il min a nd v ih m a x a re reference only a nd a re not tested. table 1 . pin c a p a cit a nce (1) applic a ble over recommended oper a ting r a nge from t a = 25 c, f = 1.0 mhz, v cc = +5.0v (unless otherwise noted) symbol test conditions max units conditions c out output c a p a cit a nce (do) 5 pf v out = 0v c in input c a p a cit a nce (c s , s k, di) 5 pf v in = 0v table 2 . dc ch a r a cteristics applic a ble over recommended oper a ting r a nge from: t a = ? 40 c to +125 c, v cc = +2.7v to +5.5v (unless otherwise noted) symbol parameter test condition min typ max unit v cc1 s upply volt a ge 2.7 5.5 v v cc2 s upply volt a ge 4.5 5.5 v i cc s upply current v cc = 5.0v read a t 1.0 mhz 0.5 2.0 ma write a t 1.0 mhz 0.5 2.0 ma i s b1 s t a ndby current v cc = 2.7v c s = 0v 6.0 10.0 a i s b2 s t a ndby current v cc = 5.0v c s = 0v 17 3 0a i il input le a k a ge v in = 0v to v cc 0.1 3 .0 a i ol output le a k a ge v in = 0v to v cc 0.1 3 .0 a v il1 (1) v ih1 (1) input low volt a ge input high volt a ge 2.7v v cc 5.5v ? 0.6 2.0 0. 8 v cc + 1 v v ol1 v oh1 output low volt a ge output high volt a ge 2.7v v cc 5.5v i ol = 2.1 ma 0.4 v i oh = ? 0.4 ma 2.4 v
4 at93c56a/66a [preliminary] 3 40 3 d? s eepr?10/04 note: 1. this p a r a meter is ch a r a cterized a nd is not 100% tested. table 3 . ac ch a r a cteristics applic a ble over recommended oper a ting r a nge from t a = ? 40c to + 125c, v cc = as s pecified, cl = 1 ttl g a te a nd 100 pf (unless otherwise noted). symbol parameter test condition min typ max units f s k s k clock frequency 4.5v v cc 5.5v 2.7v v cc 5.5v 0 0 2 1 mhz t s kh s k high time 4.5v v cc 5.5v 2.7v v cc 5.5v 250 250 ns t s kl s k low time 4.5v v cc 5.5v 2.7v v cc 5.5v 250 250 ns t c s minimum c s low time 4.5v v cc 5.5v 2.7v v cc 5.5v 250 250 ns t c ss c s s etup time rel a tive to s k 4.5v v cc 5.5v 2.7v v cc 5.5v 50 50 ns t di s di s etup time rel a tive to s k 4.5v v cc 5.5v 2.7v v cc 5.5v 100 100 ns t c s h c s hold time rel a tive to s k0 ns t dih di hold time rel a tive to s k 4.5v v cc 5.5v 2.7v v cc 5.5v 100 100 ns t pd1 output del a y to ?1? ac test 4.5v v cc 5.5v 2.7v v cc 5.5v 250 500 ns t pd0 output del a y to ?0? ac test 4.5v v cc 5.5v 2.7v v cc 5.5v 250 500 ns t s v c s to s t a tus v a lid ac test 4.5v v cc 5.5v 2.7v v cc 5.5v 250 250 ns t df c s to do in high imped a nce ac test c s = v il 4.5v v cc 5.5v 2.7v v cc 5.5v 100 150 ns t wp write cycle time 2.7v v cc 5.5v 0.1 3 10 ms endur a nce (1) 5.0v, 25c 1m write cycles
5 at93c56a/66a [preliminary] 3 40 3 d? s eepr?10/04 note: the xs in the a ddress field represent don?t c a re v a lues a nd must be clocked. functional description the at9 3 c56a/66a is a ccessed vi a a simple a nd vers a tile three-wire seri a l communi- c a tion interf a ce. device oper a tion is controlled by seven instructions issued by the host processor. a v a lid instruction st a rts with a rising edge of c s a nd consists of a s t a rt bit (logic ?1?) followed by the a ppropri a te op code a nd the desired memory address loc a tion. read (read): the re a d (read) instruction cont a ins the address code for the mem- ory loc a tion to be re a d. after the instruction a nd a ddress a re decoded, d a t a from the selected memory loc a tion is a v a il a ble a t the seri a l output pin do. output d a t a ch a nges a re synchronized with the rising edges of seri a l clock s k. it should be noted th a t a dummy bit (logic ?0?) precedes the 8 - or 16-bit d a t a output string. the at9 3 c56a/66a supports sequenti a l re a d oper a tions. the device will a utom a tic a lly increment the inter- n a l a ddress pointer a nd clock out the next memory loc a tion a s long a s chip s elect (c s ) is held high. in this c a se, the dummy bit (logic ?0?) will not be clocked out between mem- ory loc a tions, thus a llowing for a continuous stre a m of d a t a to be re a d. erase/write (ewen): to a ssure d a t a integrity, the p a rt a utom a tic a lly goes into the er a se/write dis a ble (ewd s ) st a te when power is first a pplied. an er a se/write en a ble (ewen) instruction must be executed first before a ny progr a mming instructions c a n be c a rried out. ple a se note th a t once in the er a se/write en a ble st a te, progr a mming rem a ins en a bled until a n er a se/write dis a ble (ewd s ) instruction is executed or v cc power is removed from the p a rt. erase (erase): the er a se (era s e) instruction progr a ms a ll bits in the specified memory loc a tion to the logic a l ?1? st a te. the self-timed er a se cycle st a rts once the era s e instruction a nd a ddress a re decoded. the do pin outputs the re a dy/busy st a - tus of the p a rt if c s is brought high a fter being kept low for a minimum of 250 ns (t c s ). a logic ?1? a t pin do indic a tes th a t the selected memory loc a tion h a s been er a sed, a nd the p a rt is re a dy for a nother instruction. table 4 . instruction s et for the at9 3 c56a a nd at9 3 c66a instruction sb op code address data comments x 8 x 16 x 8 x 16 read 1 10 a 8 ? a 0 a 7 ? a 0 re a ds d a t a stored in memory, a t specified a ddress ewen 1 00 11xxxxxxx 11xxxxxx write en a ble must precede a ll progr a mming modes era s e111a 8 ? a 0 a 7 ? a 0 er a ses memory loc a tion a n ? a 0 write 1 01 a 8 ? a 0 a 7 ? a 0 d 7 ? d 0 d 15 ? d 0 writes memory loc a tion a n ? a 0 eral 1 00 10xxxxxxx 10xxxxxx er a ses a ll memory loc a tions. v a lid only a t v cc = 4.5v to 5.5v. wral 1 00 01xxxxxxx 01xxxxxx d 7 ? d 0 d 15 ? d 0 writes a ll memory loc a tions. v a lid only a t v cc = 5.0v 10% a nd dis a ble register cle a red. ewd s 1 00 00xxxxxxx 00xxxxxx dis a bles a ll progr a mming instructions.
6 at93c56a/66a [preliminary] 3 40 3 d? s eepr?10/04 write (write): the write (write) instruction cont a ins the 8 or 16 bits of d a t a to be written into the specified memory loc a tion. the self-timed progr a mming cycle, t wp , st a rts a fter the l a st bit of d a t a is received a t seri a l d a t a input pin di. the do pin outputs the re a dy/busy st a tus of the p a rt if c s is brought high a fter being kept low for a minimum of 250 ns (t c s ). a logic ?0? a t do indic a tes th a t progr a mming is still in progress. a logic ?1? indic a tes th a t the memory loc a tion a t the specified a ddress h a s been written with the d a t a p a ttern cont a ined in the instruction a nd the p a rt is re a dy for further instructions. a re a dy/busy st a tus c a nnot be obt a ined if the c s is brought high a fter the end of the self- timed progr a mming cycle, t wp . erase all (eral): the er a se all (eral) instruction progr a ms every bit in the mem- ory a rr a y to the logic ?1? st a te a nd is prim a rily used for testing purposes. the do pin outputs the re a dy/busy st a tus of the p a rt if c s is brought high a fter being kept low for a minimum of 250 ns (t c s ). the eral instruction is v a lid only a t v cc = 5.0v 10%. write all (wral) : the write all (wral) instruction progr a ms a ll memory loc a tions with the d a t a p a tterns specified in the instruction. the do pin outputs the re a dy/busy st a tus of the p a rt if c s is brought high a fter being kept low for a minimum of 250 ns (t c s ). the wral instruction is v a lid only a t v cc = 5.0v 10%. erase/write disable (ewds): to protect a g a inst a ccident a l d a t a disturb, the er a se/write dis a ble (ewd s ) instruction dis a bles a ll progr a mming modes a nd should be executed a fter a ll progr a mming oper a tions. the oper a tion of the read instruction is independent of both the ewen a nd ewd s instructions a nd c a n be executed a t a ny time. timing diagrams figure 2. s ynchronous d a t a timing note: this is the minimum s k period. notes: 1. a 8 is a don?t c a re v a lue, but the extr a clock is required. 2. a 7 is a don?t c a re v a lue, but the extr a clock is required. 1 s (1) table 5. org a niz a tion key for timing di a gr a ms i/o at93c56a (2k) at93c66a (4k) x 8 x 16 x 8 x 16 a n a 8 (1) a 7 (2) a 8 a 7 d n d 7 d 15 d 7 d 15
7 at93c56a/66a [preliminary] 3 40 3 d? s eepr?10/04 figure 3. read timing figure 4. ewen timing figure 5. ewd s timing high impedance t cs cs 11 ... 00 1 sk di t cs cs t cs sk di 1 0 000 ...
8 at93c56a/66a [preliminary] 3 40 3 d? s eepr?10/04 figure 6. write timing figure 7. wral timing note: 1. v a lid only a t v cc = 4.5v to 5.5v. figure 8. era s e timing sk cs t cs t wp 11 a n d n 0a0d0 ... ... di do high impedance busy ready cs sk di do high impedance busy ready 1 0 0 1 ... d n t cs t wp ... d0 0 sk 1 1 ... 1 cs di a n t cs t sv t df t wp a n-1 a n-2 a0 check status standby ready busy do high impedance high impedance
9 at93c56a/66a [preliminary] 3 40 3 d? s eepr?10/04 figure 9. eral timing note: v a lid only a t v cc = 4.5v to 5.5v. sk cs di 1 1 00 0 do high impedance high impedance ready busy check status standby t wp t cs t sv t df
10 at93c56a/66a [preliminary] 3 40 3 d? s eepr?10/04 at93c56a ordering information ordering code package operation range at 9 3 c56a-10pa-5.0c at 9 3 c56a-10 s a-5.0c 8p3 8s1 automotive ( ? 40 c to 125 c) at 9 3 c56a-10pa-2.7c at 9 3 c56a-10 s a-2.7c 8p3 8s1 automotive ( ? 40 c to 125 c) package type 8p3 8 -le a d, 0. 3 00" wide, pl a stic du a l inline p a ck a ge (pdip) 8s1 8 -le a d, 0.150" wide, pl a stic gull wing s m a ll outline (jedec s oic) options ? 5.0 s t a nd a rd oper a tion (4.5v to 5.5v) ? 2.7 low volt a ge (2.7v to 5.5v)
11 at93c56a/66a [preliminary] 3 40 3 d? s eepr?10/04 at93c66a ordering information ordering code package operation range at 9 3 c66a-10pa-5.0c at 9 3 c66a-10 s a-5.0c 8p3 8s1 automotive ( ? 40 c to 125 c) at 9 3 c66a-10pa-2.7c at 9 3 c66a-10 s a-2.7c 8p3 8s1 automotive ( ? 40 c to 125 c) package type 8p3 8 -le a d, 0. 3 00" wide, pl a stic du a l inline p a ck a ge (pdip) 8s1 8 -le a d, 0.150" wide, pl a stic gull wing s m a ll outline (jedec s oic) options ? 5.0 s t a nd a rd oper a tion (4.5v to 5.5v) ? 2.7 low volt a ge (2.7v to 5.5v)
12 at93c56a/66a [preliminary] 3 40 3 d? s eepr?10/04 packaging information 8p3 ? pdip 2325 orchard parkway san jo s e, ca 95131 title drawing no. r rev. 8 p 3 , 8-lead, 0.300" wide body, pla s tic d u al in-line package (pdip) 01/09/02 8p3 b note s : 1. thi s drawing i s for general information only; refer to jedec drawing ms-001, variation ba, for additional information. 2. dimen s ion s a and l are mea su red with the package s eated in jedec s eating plane ga u ge gs-3. 3. d, d1 and e1 dimen s ion s do not incl u de mold fla s h or protr us ion s . mold fla s h or protr us ion s s hall not exceed 0.010 inch. 4. e and ea mea su red with the lead s con s trained to b e perpendic u lar to dat u m. 5. pointed or ro u nded lead tip s are preferred to ea s e in s ertion. 6. b 2 and b 3 maxim u m dimen s ion s do not incl u de dam b ar protr us ion s . dam b ar protr us ion s s hall not exceed 0.010 (0.25 mm). common dimen s ion s (unit of mea su re = inche s ) s ymbol min nom max note d d1 e e1 e l b 2 b a2 a 1 n ea c b 3 4 plcs a ? ? 0.210 2 a2 0.115 0.130 0.195 b 0.014 0.018 0.022 5 b 2 0.045 0.060 0.070 6 b 3 0.030 0.039 0.045 6 c 0.008 0.010 0.014 d 0.355 0.365 0.400 3 d1 0.005 ? ? 3 e 0.300 0.310 0.325 4 e1 0.240 0.250 0.280 3 e 0.100 bsc ea 0.300 bsc 4 l 0.115 0.130 0.150 2 top view side view end view
printed on recycled p a per. 3 40 3 d? s eepr?10/04 disclaimer: the inform a tion in this document is provided in connection with atmel products. no license, express or implied, by estoppel or otherwise, t o a ny intellectu a l property right is gr a nted by this document or in connection with the s a le of atmel products. except as set forth in atmel?s terms and condi- tions of sale located on atmel?s web site, atmel assumes no liability whatsoever and disclaims any express, implied or statutor y warranty relating to its products including, but not limited to, the implied warranty of merchantability, fitness for a particu lar purpose, or non-infringement. in no event shall atmel be liable for any direct, indirect, consequential, punitive, special or i nciden- tal damages (including, without limitation, damages for loss of profits, business interruption, or loss of information) arising out of the use or inability to use this document, even if atmel has been advised of the possibility of such damages. atmel m a kes no represent a tions or w a rr a nties with respect to the a ccur a cy or completeness of the contents of this document a nd reserves the right to m a ke ch a nges to specific a tions a nd product descriptions a t a ny time without notice. atmel does not m a ke a ny commitment to upd a te the inform a tion cont a ined herein. atmel?s products a re not intended, a uthorized, or w a rr a nted for use a s components in a pplic a tions intended to support or sust a in life. atmel corporation atmel operations 2 3 25 orch a rd p a rkw a y sa n jose, ca 951 3 1, u s a tel: 1(40 8 ) 441-0 3 11 f a x: 1(40 8 ) 4 8 7-2600 regional headquarters europe atmel sa rl route des arsen a ux 41 c a se post a le 8 0 ch-1705 fribourg s witzerl a nd tel: (41) 26-426-5555 f a x: (41) 26-426-5500 asia room 1219 chin a chem golden pl a z a 77 mody ro a d tsimsh a tsui e a st kowloon hong kong tel: ( 8 52) 2721-977 8 f a x: ( 8 52) 2722-1 3 69 japan 9f, tonetsu s hink a w a bldg. 1-24- 8 s hink a w a chuo-ku, tokyo 104-00 33 j a p a n tel: ( 8 1) 3 - 3 52 3 - 3 551 f a x: ( 8 1) 3 - 3 52 3 -75 8 1 memory 2 3 25 orch a rd p a rkw a y sa n jose, ca 951 3 1, u s a tel: 1(40 8 ) 441-0 3 11 f a x: 1(40 8 ) 4 3 6-4 3 14 microcontrollers 2 3 25 orch a rd p a rkw a y sa n jose, ca 951 3 1, u s a tel: 1(40 8 ) 441-0 3 11 f a x: 1(40 8 ) 4 3 6-4 3 14 l a ch a ntrerie bp 70602 44 3 06 n a ntes cedex 3 , fr a nce tel: ( 33 ) 2-40-1 8 -1 8 -1 8 f a x: ( 33 ) 2-40-1 8 -19-60 asic/assp/smart cards zone industrielle 1 3 106 rousset cedex, fr a nce tel: ( 33 ) 4-42-5 3 -60-00 f a x: ( 33 ) 4-42-5 3 -60-01 1150 e a st cheyenne mtn. blvd. color a do s prings, co 8 0906, u s a tel: 1(719) 576- 33 00 f a x: 1(719) 540-1759 s cottish enterprise technology p a rk m a xwell building e a st kilbride g75 0qr, s cotl a nd tel: (44) 1 3 55- 8 0 3 -000 f a x: (44) 1 3 55-242-74 3 rf/automotive theresienstr a sse 2 postf a ch 3 5 3 5 74025 heilbronn, germ a ny tel: (49) 71- 3 1-67-0 f a x: (49) 71- 3 1-67-2 3 40 1150 e a st cheyenne mtn. blvd. color a do s prings, co 8 0906, u s a tel: 1(719) 576- 33 00 f a x: 1(719) 540-1759 biometrics/imaging/hi-rel mpu/ high speed converters/rf datacom avenue de rochepleine bp 12 3 38 521 sa int-egreve cedex, fr a nce tel: ( 33 ) 4-76-5 8 - 3 0-00 f a x: ( 33 ) 4-76-5 8 - 3 4- 8 0 literature requests www. a tmel.com/liter a ture ? atmel corporation 2004 . all rights reserved. atmel ? , logo a nd combin a tions thereof, a re registered tr a dem a rks, everywhere you are s m is a tr a dem a rk of atmel corpor a tion or its subsidi a ries. other terms a nd product n a mes m a y be tr a dem a rks of others.


▲Up To Search▲   

 
Price & Availability of AT93C66A-10PA-27C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X